Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMB 0207 Datasheet (PDF) - Vishay Siliconix

CMB 0207 Datasheet PDF - Vishay Siliconix
Part # CMB 0207
Download  CMB 0207 Download
File Size   188.66 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Pulse Load Carbon Film MELF Resistors

CMB 0207 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMB 0207 Datasheet PDF - Vishay Siliconix

Part # CMB 0207
Download  CMB 0207 Click to download

File Size   188.66 Kbytes
Page   11 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Pulse Load Carbon Film MELF Resistors

CMB 0207 Datasheet (HTML) - Vishay Siliconix


CMB 0207 Product details

FEATURES
• Approved to the safety requirements of IEC 60065, 14.2.a (= VDE 0860, 14.1.a) VDE-REG.-Nr. B583
• AEC-Q200 qualified
• Special carbon film technology
• Up to 3 kW single pulse capability
• ESD capability: 16 kV, human body model
• Sulfur resistance verified according to ASTM B 809
• Surge voltage capability up to 10 kV 1.2/50 μs pulse
• Material categorization: for definitions of compliance please see www.vishay.com/doc?99912

APPLICATIONS
• Automotive
• Telecommunication
• Industrial
• Medical equipment




Similar Part No. - CMB 0207

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
CMB ATC-CMB Datasheet
245Kb / 1P
AC Go/No-Go Current Monitor/Relay
logo
Advanced Energy Industr...
CMB ADVANCEDENERGY-CMB Datasheet
877Kb / 7P
EXCELSYS COOLX® MODULES INTELLIGENT MODULAR POWER SUPPLIES
10.20
logo
Carling Technologies
CMB-103-27G3N-B-A CARLINGTECH-CMB-103-27G3N-B-A Datasheet
936Kb / 4P
THERMAL CIRCUIT PROTECTORS
logo
CUI INC
CMB-6544PF CUI-CMB-6544PF Datasheet
931Kb / 4P
electret condenser microphone
logo
CUI Devices
CMB-6544PF CUID-CMB-6544PF Datasheet
775Kb / 4P
ELECTRET CONDENSER MICROPHONE
08/05/2022
More results


Similar Description - CMB 0207

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204 Datasheet
106Kb / 8P
High Pulse Load MELF Resistor
27-Feb-04
logo
Token Electronics Indus...
RDM74P1RGT TOKEN-RDM74P1RGT Datasheet
291Kb / 3P
RDM Carbon Film Melf Resistors
logo
Vishay Siliconix
CBB0207 VISHAY-CBB0207 Datasheet
132Kb / 9P
High Pulse Load Carbon Film Leaded Resistors
07-Jul-10
CMA0204 VISHAY-CMA0204_10 Datasheet
161Kb / 10P
High Pulse Load MELF Resistors
01-Mar-10
CMA0204HF VISHAY-CMA0204HF Datasheet
119Kb / 7P
Pulse Load Carbon Film MELF Resistors for High Frequency Applications
01-Dec-09
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
Vishay Siliconix
CMB02070X2700GB200 VISHAY-CMB02070X2700GB200 Datasheet
145Kb / 7P
High Pulse Load, High Voltage (up to 0.5 kV) Carbon Film MELF Resistors
16-May-13
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
Carbon Film MELF Resistor
logo
Token Electronics Indus...
RGM TOKEN-RGM Datasheet
425Kb / 5P
Anti-Surge Pulse Load Melf Resistors
logo
Vishay Siliconix
CMA0204 VISHAY-CMA0204_V01 Datasheet
171Kb / 11P
High Pulse Load Carbon Film MINI-MELF Resistors CMA 0204 carbon film MELF resistors with advanced pulse
27-Mar-17
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com